PART |
Description |
Maker |
43650-0813 43650-1214 43650-0410 43650-0414 43650- |
Header; No. of Contacts:8; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR RA SMT Nail 30Au 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 4POS R/A W/CLIP SMD 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR RA SMT Nail 30Au 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:10; Pitch Spacing:0.118"; Number of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer Multipole Connector; Gender:Male; No. of Contacts:10; Series:43650; Body Material:Polyester; Connecting Termination:Crimp; Mounting Type:Wire-to-wire; No. of Rows:2; Operating Voltage:250V; Pitch Spacing:3mm RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
GB164AHGABMLA-V01 GB164AHYBAMUA-V01 GB164AHYBANLB- |
FUSE,RESETTABLE,9.00A-H, 18.00A-T,40A-M,30VDC CONN,F-RIGHT ANGLE, PC MOUNT,JACK(0.90"BARREL) SWITCH,SUBMIN TOG,SPDT,ON-0N R/A PCB MOUNT,48VAC/50mA,3 PIN CONNECTOR,BNC,FEMALE ,R/A PLASTIC INSULATION,PC MOUNT CONN,DSUB,.318",R/A,DB-9M, W/O JACK SCREW,TIN CONTACTS IC,EDE2008/P,PUSH BUTTON DEBOUNCER,DIP-18 RELAY,SOLID STATE,DC/AC IN:3-32VDC,OUT:24-240VAC PLIER,SQ.NOSE,4 3/4" w/CUTTER SERRATED JAW,SPRING LOADED,UNS 规格液晶模块 PROGRAMMER,UNIVERSAL, 48PIN ZIF, USB 2.0 INTERFACE 规格液晶模块 CONN,DSUB,.318",R/A,DB-9M, W/O JACK SCREW,TIN CONTACTS
|
Jewel Hill Electronic Co., Ltd.
|
3358-0000 |
10 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SURFACE MOUNT
|
3M ELECTRONIC PRODUCTS DIVISION
|
OPP-07-T-S OPP-07-T-S-AB OPP-07-T-S-AD OPP-07-T-S- |
7 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SURFACE MOUNT 3 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SURFACE MOUNT
|
Samtec, Inc. SAMTEC INC
|
AS0A621-UARN-4F AS0A626-UASN-7F AS0A626-UARN-7F |
204 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET
|
HON HAI PRECISION INDUSTRY CO LTD
|
AS0A426-N2RN-1F |
200 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET
|
HON HAI PRECISION INDUSTRY CO LTD
|
MEC1-160-02-L-D-EM2 MEC1-160-02-F-D-EM2 MEC1-108-0 |
120 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET 16 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET
|
SAMTEC INC
|
FSI-110-03-G-D-E-AD FSI-110-03-G-D-AD |
CONN INTERFACE ONE PC 1MM 20POS 20 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT
|
Samtec, Inc. SAMTEC INC
|
91525-8215 91525-1212 91525-8211 |
LL12XLTC W/MTLGKTRMNT W/O SDRPOST T&R 73 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 12XLL F CONN W/CPAP O/PNL MNT W/REAR MNT 73 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
0436501203 |
3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row, Right Angle, with
|
Molex Electronics Ltd.
|
0475900001 47590-0001 |
0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Top Mount, SMT, Lead Free 0.65mm (.026) Pitch Micro-USB AB Receptacle, Right Angle, Top Mount, SMT, Lead Free
|
Molex Electronics Ltd.
|
|